|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RN41, RM41 fixed metal film melf resistors EU features * * * * * Suitable for reflow and wave soldering Higher stability in short and long term tests Meets or exceeds IEC 60115-8, EIAJ RC-2132A Marking: Blue body color for "RN", green for "RM" Products with lead-free terminations meet EU RoHS and China RoHS requirements dimensions and construction C L D3 Type (Inch Size Code) L .079.004 (2.00.1) .138.008 (3.50.2) .126.008 (3.20.2) .138.008 (3.50.2) .232.008 (5.90.2) .232.008 (5.90.2) Dimensions inches (mm) C (min.) D1 D2 (max.) D3 (max.) .012 (0.3) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .02 (0.5) .049.002 (1.250.05) .057.004 (1.450.1) .061.006 (1.550.15) .055.004 (1.40.1) .087.004 (2.20.1) .087.004 (2.20.1) .053 (1.35) .061 (1.55) .069 (1.75) .061 (1.55) .094 (2.4) .094 (2.4) .006 (0.15) .006 (0.15) .004 (0.1) .003 (0.07) 2A (0805) D1 D2 2B (1406) 2D (1206) Insulation Coating Trimming Resistive Line Film Ceramic Core End Cap 2ES (1406) 2E, 2H (2309) 3AS Marking ordering information New Part # RN41 Type RN41 2B Size 2A: 0805 2B: 1406 2D: 1206 2E: 2309 2ES: 1406 2H: 2309 3AS: 2309 T Termination Material T: Sn TE Packaging TE: 7" embossed plastic (2A, 2B, 2ES - 3,000 pieces/reel) (2D - 2,000 pieces/reel) (2E, 2H, 3AS - 1,500 pieces/reel) 1002 Nominal Resistance 5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 1%: 3 significant figures + 1 multiplier. "R" indicates decimal on values <100 1R0 Nominal Resistance 5%: 2 significant figures + 1 multiplier. "R" indicates decimal on values <10 J Tolerance B: 0.1% C: 0.25% D: 0.5% F: 1% J: 5% 50* T.C.R. (ppm/C) 25 50 100 200 *T.C.R. noted for RN41 only New Part # RM41 Type RM41 2D Size 2D: 1206 2H: 2309 T Termination Material T: Sn TE Packaging TE: Embossed plastic (2D - 2,000 pieces/reel) (2H - 1,500 pieces/reel) J Tolerance J: 5% For further information on packaging, please refer to Appendix A. Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/13/09 KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com 89 resistors RN41, RM41 resistors fixed metal film melf resistors applications and ratings Part Designation RN412A RN412B RN412D RN412E RN412ES RN412H RM412D RM412H RN413AS Power Rating @ 70C 1/8W (.125W) 1/8W (.125W) 1/5W (.2W) 1/4W (.25W) 1/4W (.25W) 1/2W (.5W) 1/5W (.2W) 1/2W (.5W) 1W T.C.R. (ppm/C) Max. (B0.1%) 100 25 50 50 25 50 25 50 200 350 350 50 -- -- -- -- -- -- -- -- -- -- -- Resistance Range E-24, E-96 (C0.25%) -- -- -- 100-100K -- -- -- -- -- -- -- E-24, E-96 (D0.5%) -- -- -- 100-1M -- -- -- -- -- -- 10-604K -- 10-1.0M -- 1-5.11M -- -- -- 1-1M E-24, E-96 (F1%) 100-100K -- E-24 (J5%) -- -- -- -- -- -- -- 0.22-0.91 0.22-100K 0.22-8.2 (E-12) 0.22-0.91 250V 200V 250V 500V 400V 600V -55C to +155C 150V Absolute Absolute Operating Maximum Maximum Temperature Working Overload Range Voltage Voltage 200V 300V 100-100K 100-604K 43-511K 100-100K 100-604K PxR 400V PxRx6.25 600V environmental applications Derating Curve 100 80 % Rated Power 60 40 20 0 Surface Temperature Rise 80 2H Temperature Rise (C) 60 2E 40 2D 2B 20 2A 0 20 40 80 100 120 70 Ambient Temperature (C) 60 140 160 155 0 0 25 50 75 100 % Rated Power Performance Characteristics Parameter Resistance T.C.R. Overload (Short time) Intermittent Overload Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C High Temperature Exposure *RN41 2B-2E **RN41 2A Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 0.5% 0.3% 1%: RN41 2E -- 2%: RM41 2H 0.5% 0.3% 0.5%: RN41 2A-2E 0.3%: RN41 2A-2E 1%: RN41 2H 0.7% RN41 2H 1%: RM41 0.75%: RM41 1%*, 3%**, 0.75%*, 5%*** 1.5%**, 3%*** 3%: **** 1.5%: **** 1%*, 3%**, 0.5%*, 1.5%**, 5%*** 3%*** 5%: **** 3%: **** 1%: RN41 0.75%: RN41 *** RN41 2H **** RM41 Test Method 25C +25C/-55C, +25C/+125C Rated voltage x 2.5 for 5 seconds Rated voltage x 4 (2Ax3) or Max. intermittent overload voltage, whichever is lower, 10,000 cycles. 2A: 200V, 2B & 2D: 300V, 2E: 500V, 2H: 600V 260C 5C, 10 seconds 1 second -55C (30 minutes), +125C (30 minutes), 5 cycles 40C 2C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle +125C, 100 hours Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/23/08 90 KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com |
Price & Availability of RN412ATTE1002B100 |